PART |
Description |
Maker |
HP4936DY FN4469 HP4936DYT |
5.8A, 30V, 0.037 Ohm, Dual N-Channel,Logic Level Power MOSFET(5.8A, 30V, 0.037 Ω,双N沟道,逻辑电平功率MOS场效应管) 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5.8A I(D) | SO 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 5.8A/ 30V/ 0.037 Ohm/ Dual N-Channel/ Logic Level Power MOSFET 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FDMS9620S |
Dual N-Channel PowerTrench? MOSFET Q1: 30V, 16A, 21.5mΩ Q2: 30V, 18A, 13mΩ Dual N-Channel PowerTrench㈢ MOSFET Q1: 30V, 16A, 21.5mヘ Q2: 30V, 18A, 13mヘ
|
Fairchild Semiconductor
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
STS7C4F30L |
7 A, 30 V, 0.026 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET⑩ POWER MOSFET P-CHANEL 30V - 0.027 OHM - 6A SO-8 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FDC796N FDC796NNL |
30V N-Channel PowerTrench MOSFET Recommend FDC796N_F077 12.5 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDN372S |
30V N-Channel PowerTrenchSyncFET 2600 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench SyncFET
|
Fairchild Semiconductor, Corp.
|
STB3020L 6474 |
CSED, FLANGE KIT 400A -通道30V 0.019ohm - 40A采用D2PAK STripFET]功率MOSFET From old datasheet system N - CHANNEL 30V - 0.019 - 40A - D 2 PAK STripFET TM POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET N - CHANNEL 30V - 0.019W - 40A - D 2 PAK STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
STS4DPFS30L |
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFETMOSFET PLUS SCHOTTKY RECTIFIER P通道30V 0.07ohm -ASO - 8 MOSFET的普乐士STripFET⑩肖特基整流 P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET⑩ MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 30V 0.07 OHM 4A SO-8 STRIPFET MOSFET PLUS SCHOTTKY RECTIFIER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
IRL3103L IRL3103S IRL3103STRR IRL3103STRL |
30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
|
IRF[International Rectifier]
|
FDU8874 FDD8874 |
N-Channel PowerTrench MOSFET 30V/ 116A N-Channel PowerTrench MOSFET 30V, 116A 35 A, 30 V, 0.0064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
ZXMP3A16DN8TC ZXMP3A16DN8 ZXMP3A16DN8TA |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 双P沟道增强型MOSFET0V DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 4200 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
|